Part Number Hot Search : 
8SXB33M 2A1209XS 7N60L AP1684A R5050F PC956L TMP88 TA114T
Product Description
Full Text Search
 

To Download EPC3132-XA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3132-XA
* Used in SMPS Flyback Topology * Designed for use with Power Integration Chip * Reinforced Insulation (Triple Insulated Wire) * UL 94V-0 Recognized Components * UL 1446 Class F Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number
Chipset
Voltage (Vdc) V in Pin 1-3 V out 1 V out 2 V out 3
Primary OCL (H 10%) @ 10 KHz, 0.1 Vrms Sec. 1
Current (Amp.) Sec. 2 N N N N N .015 .015 N Sec. 3 N .05 N N N N N .05
TNY264P (132 KHz) N EPC3132-1A 120-375 9 TNY264P(132 KHz) N EPC3132-2A 120-375 5 TOP221P (100 KHz) N EPC3132-3A 120-375 5.1 LNK501 (42 KHz) N *EPC3132-4A 120-375 5.5 LNK501 (42 KHz) N *EPC3132-5A 120-375 5.5 TNY264P (132 KHz) 10.5 *EPC3132-6A 120-375 5.2 TNY264P (132 KHz) 12.0 EPC3132-7A 120-375 5.2 TNY264P (132 KHz) N EPC3132-8A 120-375 3.3 * Switching Frequency : 132 KHz/100 KHz/42 KHz * Isolation : 3750 Vdc Dielectric Rating (Vdc) 1 sec. 4500 or 60 sec. 3750 Pri. to all Sec. Wdg's
.330 2000 N .600 1900 12 .100 1400 N .500 2550 N .273 1360 N .600 2400 N .600 2400 N .600 1900 12 * *Copper Flux Band : is connected to Pin #3 *
1 sec. 4500 or 60 sec. 3750 Between Sec. Wdg's to Core
1 sec. 1500 or 60 sec. 1000 Between Pri. Wdg & Bias
* Note : "N" means Not Required/No Connections * Marking : Mark on top or side *
Package
.488 (12.40) 1 Mark on Top : PCA EPC3132-XA Date Code .570 (14.48) .201 (5.10)
Schematic
10 V in Pri. (Pin 1-3) 2 8 3 Sec. 3 (Fb/Bias) 4 6 5 7 Sec. 2 Sec. 1
Pin 1 I.D.
Pin #2 is not connected in circuit Pin #9 is omitted .177 .039 (4.50 1.00) .098 (2.50) .024 (.600) .394 (10.00)
1 5 10 6
.484 (12.30)
10
.338 (8.60)
1 6 5
.338 (8.60)
.394 (10.00)
.098 (2.50)
.051 (1.30)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3132-XA Rev. 3/1/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3132-XA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X